PART |
Description |
Maker |
BF197 |
Tranzystor krzemowy maej mocy, wielkiej czstotliwoci TRANZYSTOR NPN RK Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN
|
Ultra CEMI ETC Electronic Theatre Controls, Inc.
|
BFP179 |
Tranzystor krzemowy redniej mocy, wielkiej czstotliwoci
|
Ultra CEMI
|
BSXP93 BSXP92 BSXP94 |
Tranzystor krzemowy
|
Ultra CEMI
|
BFWP21 |
Tranzystor krzemowy polowy MOS
|
Ultra CEMI
|
BSXP87 |
Tranzystor krzemowy TRANSISTOR NPN
|
Ultra CEMI ETC[ETC] List of Unclassifed Manufacturers
|
BSV52R BFE215R BFAP83 BF521 BDP492 BDP495 BCAE07 B |
BSV52R - Tranzystor prze潮czaj便y BFE215R - Tranzystor wielkiej cz牦totliwo躲i BFAP83 - Tranzystor wielkiej cz牦totliwo躲i specjalny BF521 - Tranzystor wielkiej cz牦totliwo躲i TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:36V; Breakdown Voltage, Vbr:40V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Through Hole; Polarization:Unipolar; Power Cyclone FPGA 6K PQFP-240 Cartridge Fuse; Current Rating:12A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No FUSE-250V,1.0A,SLO-BLO 0.25X1.25 FUSE 15A 250V 3AB FAST-BLOW 30SMAX@30A 750A_INTER.RATING UL/CSA 3A 250V SLO-BLO 1/4X1-1/4 CERA FUSE 15A 32V Cartridge Fuse; Current Rating:10A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No Cartridge Fuse; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:326 RoHS Compliant: No Cartridge Fuse; Current Rating:7A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:25A; Voltage Rating:32V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Body Material:Ceramic; Diameter:6.985mm; Fuse Terminals:Axial Lead; Leaded Process Compatible:No; Length:32.258mm; Peak Reflow Compatible (260 C):No DIODE TVS 200V 600W BIDIR 5% SMB BF619 - Tranzystor wielkiej cz牦totliwo躲i DIODE TVS 28V 600W BI-DIR SMB DIODE TVS 30V 600W BI-DIR SMB BCE107R - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107R - Tranzystor马冲南航牦totliwo躲いま冲 mocy BDCP25 - Tranzystor ma冲j cz牦totliwo躲i du垮j mocy specjalny BDCP25 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny DIODE TVS 20V 600W UNI-DIR SMB BDP286 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy BCE107 - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107 - Tranzystor马冲南航牦totliwo躲いま冲 mocy DIODE TVS 130V 400W BIDIR 5% SMA BDAP95 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny VARISTOR MEDIUM VOLTAGE BCE109R - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE109 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE107 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
|
NXP Semiconductors N.V. Cirrus Logic, Inc. Belden, Inc. PHOENIX CONTACT Deutschland GmbH
|
UL1481 UL1481P UL1481T ULA6481P ULA6481T ULA6481 |
Wzmacniacz mocy m.cz. WZMACNIACZE MOCY M. CZ.
|
Ultra CEMI List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] UNITRA CEMI
|
UL1402 |
Wzmacniacz mocy m.cz.
|
Ultra CEMI
|
UL1440 |
Wzmacniacz mocy m.cz.
|
Ultra CEMI
|
UL1490 |
Wzmacniacz mocy m.cz.
|
Ultra CEMI
|
BF258 BF259 |
Tranzystor wielkiej czstotliwoci
|
Ultra CEMI
|
UCY75450 |
Dwukrotna 2-wejciowa bramka NAND z dwoma tranzystorami redniej mocy
|
Ultra CEMI
|